Part Number Hot Search : 
TMS570 53120 L6316 HPC722 4758A TPDV1040 4LS32 F4300R
Product Description
Full Text Search
 

To Download P0901A2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Two-chip SLIC Protector Modified TO-220
RoHS
This two-chip SLIC modified TO-220 unidirectional protector is constructed with a
1 (T) 3 (R) 2 (G)
SIDACtor(R) device and an integrated diode. It protects SLICs (Subscriber Line Interface Circuits) from damage during transient voltage activity and enables line cards to comply with various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68). For details of specific design criteria, see Figure 6.40 through Figure 6.43 in Section 6, "Reference Designs" of this Telecom Design Guide.
Electrical Parameters
Part Number * P0641A_2L P0721A_2L P0901A_2L P1101A_2L P1301A_2L P1701A_2L VDRM Volts 58 65 75 95 120 160 VS Volts 77 88 98 130 160 200 VT Volts 4 4 4 4 4 4 VF Volts 5 5 5 5 5 5 IDRM Amps 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 120 120 120 120 120 120
Pins 1-2, 3-2
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * VDRM is measured at IDRM. * VS and VF are measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Parallel capacitive loads may affect electrical parameters. * Compliance with GR 1089 or UL 60950 power fault tests may require special design considerations. Contact the factory for further information.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A C 20 50 Amps 150 500 Amps 150 400 10x160 * 10x160 ** Amps 90 200 10x560 * 10x560 ** Amps 50 150 5x320 * 9x720 ** Amps 75 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 175 Amps 45 100 Amps 75 200 Amps 20 50 di/dt Amps/s 500 500
* Current waveform in s ** Voltage waveform in s
www.littelfuse.com
3 - 68
(c) 2006 Littelfuse * Telecom Design Guide
Two-chip SLIC Protector Modified TO-220
Thermal Considerations
Package Modified TO-220 Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 50 Unit C C C/W
PIN 1 PIN 2
PIN 3
Capacitance Values
pF Pin 1-2 / 3-2 (4-5 / 6-5) Tip-Ground, Ring-Ground MAX 200 200 190 190 180 180 160 160 160 160 125 125 MIN 20 20 20 20 20 20 15 15 15 15 15 15 MAX 105 105 105 105 105 105 105 105 105 105 105 105
pF Part Number P0641AA2L P0641AC2L P0721AA2L P0721AC2L P0901AA2L P0901AC2L P1101AA2L P1101AC2L P1301AA2L P1301AC2L P1701AA2L P1701AC2L MIN 40 40 35 35 30 30 25 25 25 25 25 25
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Telecom Design Guide * (c) 2006 Littelfuse
3 - 69
www.littelfuse.com
SIDACtor Devices
Two-chip SLIC Protector Modified TO-220
+I VF
IPP - Peak Pulse Current - %IPP
100
Peak Value
tr = rise time to peak value td = decay time to half value
VS VDRM -V
VT +V
Waveform = tr x td
IDRM IH IS IT -I
50
Half Value
0 0 tr td t - Time (s)
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 70
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of P0901A2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X